PART |
Description |
Maker |
ZWS50 ZWS250 ZWS8 ZWS150 ZWS35 ZWS6 |
Cemented Wirewound Resistors with Lugs
|
Vishay
|
12BH111D-GR |
1 D Battery Holderwith Solder Lugs
|
List of Unclassifed Man...
|
PE9935-60-B PE9935-60-R PE9935-18-B PE9935-18-R PE |
SINGLE WIRE PATCH CORD INSULATED SPADE LUGS TO STANDARD ALLIGATOR CLIP SINGLE WIRE PATCH CORD INSULATED SPADE LUGS TO STANDARD ALLIGATOR CLIP SINGLE WIRE PATCH CORD INSULATED SPAE LUGS TO STANDARD ALLIGATOR CLIP SINGLE WIRE PATCH CORD INSULATED SPADE LUGS TO STANDARD ALLIGATOR CLIP SINGLE WIRE PATCH CORD INSULATED SPADE LUGS TO STANDARD ALLIGATOR CLIP SINGLE WIRE PATCH CORD INSULATED SPADE LUGS TO STANDARD ALLIGATOR CLIP
|
Pasternack Enterprises, Inc.
|
PE9907 |
BREAKOUT, BNC MALE TO INSULATED SPADE LUGS
|
Pasternack Enterprises, Inc.
|
CRIMPFOX-LC-INC-6 |
Crimp insert for insulated cable lugs and connectors, with locator, 0.5 -6.0 mm2
|
PHOENIX CONTACT
|
TA78L132AP TA78L020AP TA78L075AP TA78L006AP TA78L0 |
Three-Terminal Positive Regulators 13.2V Three-Terminal Positive Regulators 20V Three-Terminal Positive Regulators 7.5V Three-Terminal Positive Regulators 6V Three-Terminal Positive Regulators 10V Three-Terminal Positive Regulators 8V Three-Terminal Positive Regulators 12V Three-Terminal Positive Regulators 15V Three-Terminal Positive Regulators 5V Three-Terminal Positive Regulators 9V Three-Terminal Positive Regulators 24V Three-Terminal Positive Regulators 18V Three-Terminal Positive Regulators 7V
|
TOSHIBA
|
1418E-3-12 1418E-113-12 1418G-00-12 1411B-5-12 141 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL
|
Ecliptek, Corp. Cinch Connectors WINCHESTER ELECTRONICS CORP
|
19164-0042 |
Female Disconnect Solderless Terminal; Wire Size (AWG):14-16; Terminal Insulation:Niac Polymer; Contact Material:Brass; Gender:Female; Power Connection Type:Female Disconnect Solderless Terminal 2 mm2, WIRE TERMINAL
|
Molex, Inc.
|
19007-0032 19005-0001 19005-0015 19007-0029 19007- |
.187X.020 FIQD FLAG EXP. TAPED (BB-2224X 2 mm2, PUSH-ON TERMINAL Female Disconnect Solderless Terminal; Wire Size (AWG):18-22; Tab Width:0.250"; Insulator Color:Pink; Terminal Insulation:Nylon; Gender:Female 0.8 mm2, PUSH-ON TERMINAL .250X.032 FEM.FIQD COUPLER TP (C-2265T) 5 mm2, PUSH-ON TERMINAL CONN .187 FLAG INSUL 14-16AWG 2 mm2, PUSH-ON TERMINAL .250X.032 FIQD FLAG STRIP(AA-2220Z) RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL CONN .250 FLAG INSUL 18-22AWG 0.8 mm2, PUSH-ON TERMINAL .187X.020 FIQD FLAG (AA-2222) 0.8 mm2, PUSH-ON TERMINAL .187X.032 FIQD FLAG (BB-2225) 2 mm2, PUSH-ON TERMINAL CONN .250 MALE INSUL 14-16AWG 2 mm2, TAB TERMINAL 190070020
|
Molex, Inc. MOLEX INC
|
PN10-6F-D |
Fork Tongue Solderless Terminal; Wire Size (AWG):12-10; Stud Size:#6; Insulator Color:Yellow; Terminal Insulation:Nylon; Pack Quantity:500 COPPER ALLOY, TIN FINISH, FORK TERMINAL
|
Panduit, Corp.
|
TA78L07F TA78L05F TA78L06F TA78L08F TA78L10F TA78L |
3-Terminal Positive Voltage Regulators 7V 3-Terminal Positive Voltage Regulators 5V 3-Terminal Positive Voltage Regulators 6V 3-Terminal Positive Voltage Regulators 8V 3-Terminal Positive Voltage Regulators 10V 3-Terminal Positive Voltage Regulators 15V 3-Terminal Positive Voltage Regulators 9V 3-Terminal Positive Voltage Regulators 12V 3-Terminal Positive Voltage Regulators 18V 3-Terminal Positive Voltage Regulators 20V
|
TOSHIBA
|